PART |
Description |
Maker |
1N74 1N60D 1N68A 1N96A 1N72 1N73 1N93 1N63 1N61 1N |
Diode Switching 100V 10A 2-Pin Diode Switching 50V 3A 2-Pin Case A GOLD BOUNDED GERMANUM DIODE Diode Small Signal Switching 75V 0.3A Automotive 2-Pin DO-35 T/R Diode Switching 125V 0.0003A 2-Pin DO-35 Diode Switching 50V 0.005A 2-Pin Case H GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductor
|
BT136F BT136F-500 BT136F-500F BT136F-500G BT136F-6 |
Triacs 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 DIODE ZENER SINGLE 500mW 22Vz 5.6mA-Izt 0.05 0.1uA-Ir 17Vr DO35-GLASS 5K/AMMO DIODE ZENER SINGLE 500mW 18Vz 7mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB DIODE ZENER SINGLE 500mW 19Vz 6.6mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] Aimtron Technology Corp. NXP Semiconductors N.V.
|
1N3163 1N3162 1N3174 1N3176 1N3166 1N3167 |
Diode Switching 150V 240A 2-Pin DO-9 Diode Switching 100V 240A 2-Pin DO-9 Diode Switching 1KV 300A 2-Pin DO-9 Diode Switching 1.4KV 240A 2-Pin DO-9 Diode Switching 300V 240A 2-Pin DO-9 Diode Switching 350V 240A 2-Pin DO-9
|
New Jersey Semiconductor
|
LS4148 |
100V; 2.0A surface mount fast switching diode for general pirpose switching applications
|
Diodes Incorporated
|
CDSFR4148-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=75V, P-D=350mW, I-F=150mA SMD Switching Diode
|
Comchip Technology
|
MMBD4448HADW MMBD4448HAQW MMBD4448HCDW MMBD4448HCQ |
100V; 500mA surface mount fast switching diode. For general purpose swithcing applications SURFACE MOUNT FAST SWITCHING DIODE ARRAY 表面贴装快速开关二极管阵列
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
MCL414810 |
150mA Surface Mount Switching Diode- 100V
|
Formosa MS
|
MCL444809 |
150mA Surface Mount Switching Diode- 100V
|
Formosa MS
|
MMDL914 |
200mA Surface Mount Switching Diode - 100V
|
WILLAS ELECTRONIC CORP
|
FE3B FE3D FE3C |
Diode Switching 100V 3A 2-Pin Case G-4 Diode Switching 200V 3A 2-Pin Case G-4 Diode Switching 150V 3A 2-Pin Case G-4
|
New Jersey Semiconductor
|
70HFL100 70HFLR100S05 70HFLR10S02 70HFL40 |
Diode Switching 100V 70A 2-Pin DO-5 Diode Switching 1KV 70A 2-Pin DO-5 Diode Switching 400V 70A 2-Pin DO-5
|
New Jersey Semiconductor
|
FME-230A |
Schottky Barrier Diode - 90V/100V 100V, 30A Schottky barrier diode in TO220F package 100V/ 30A Schottky barrier diode in TO220F package CRYSTAL 20.000000 MHZ SMD 8PF
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|